PART |
Description |
Maker |
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
ADG511TQ4 ADG511ABR-REEL ADG511TQ ADG511ABR ADG511 |
44V; 30-100mA; CMOS precision quad SPST switch. For battery-powered intruments, single supply systems, remote powered equipment, 5V supply systems LC-2MOS Precision 5V/3V Quad SPST Switches ±5V, 30 Ohm, Quad SPST (4NC) Switch LC2MOS Precision 5 V/3 V Quad SPST Switches(138.50 k) LCMOS Precision 5 V/3 V Quad SPST Switches a LC2MOS Precision 5 V/3 V Quad SPST Switches
|
Analog Devices
|
LT1178S8 LT1179S8 |
From old datasheet system 20µA Max, Dual SO-8 Package, Single Supply Precision Op Amp 20 A Max, Dual SO-8 Package, Single Supply Precision Op Amp 20uA Max, Dual SO-8 Package, Single Supply Precision Op Amp
|
LINER[Linear Technology]
|
LT1101 LT1101AC LT1101ACH LT1101ACJ8 LT1101ACN8 LT |
From old datasheet system Precision Micropower Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) JT 18C 18#20 PIN WALL RECP Precision/ Micropower/ Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
|
LINER[Linear Technology] Linear Technology Corporation
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
LT1211 LT1211ACN8 LT1211AMJ8 LT1211C LT1211CN8 LT1 |
14MHz/ 7V/us/ Single Supply Dual and Quad Precision Op Amps 14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps 14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps 14MHz 7V/us Single Supply Dual and Quad Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|
LT1178 LT1178ACH LT1178ACJ LT1178ACN LT1178C LT117 |
17uA Max/ Dual and Quad/ Single Supply/ Precision Op Amps 17uA Max, Dual and Quad, Single Supply, Precision Op Amps 17 A Max, Dual and Quad, Single Supply, Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|
LT2178 LT2178ACS8 LT2178AIS8 LT2178CS8 LT2178IS8 L |
17uA Max, Dual and Quad, Single Supply, Precision Op Amps DUAL OP-AMP, 740 uV OFFSET-MAX, 0.085 MHz BAND WIDTH, PDSO8 17uA Max/ Dual and Quad/ Single Supply/ Precision Op Amps
|
Linear Technology, Corp. LINER[Linear Technology]
|
ISL28476 ISL28476FAZ ISL28476FAZ-T7 ISL2827607 ISL |
Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
|
http:// Intersil Corporation
|
LT2079 LT2079AC LT2079AI LT2079C LT2079I LT2078 LT |
From old datasheet system Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps
|
LINER[Linear Technology]
|
LT1215 LT1215ACN8 LT1215AMJ8 LT1215C LT1215CN8 LT1 |
23MHz/ 50V/us/ Single Supply Dual and Quad Precision Op Amps 23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|